Part Number Hot Search : 
ISL62 14S471K 1N540 B80N0 M5518 GBP201 6PF30L 70280
Product Description
Full Text Search
 

To Download C1812H124C1GACTU Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Product Bulletin
Surface Mount Ceramic Chip Capacitors High Temperature 200C C0G MLCC
No Piezoelectric Noise. Extremely low ESR and ESL. High Thermal Stability. High Ripple Current Capability. Preferred capacitance solution at line frequencies and into the MHz range. No capacitance change with respect to applied rated DC voltage. Minimal capacitance change with respect to temperature from -55C to +200C. No capacitance decay with time. Non-polar device.
Benefits and Features:
Typical applications include critical timing, tuning, circuits requiring low loss, circuits with pulse, high current, decoupling, by-pass, filtering, transient voltage suppression, blocking and energy storage for use in extreme environments commonly present in applications such as down-hole exploration, aerospace engine compartments and geophysical probes. .
Applications:
KEMET's New High Temperature Surface Mount C0G MLCCs feature a robust and proprietary base metal dielectric system that offers industry-leading performance relative to capacitance and case size combined with capacitance stability at extreme temperatures up to +200C. This new platform promotes downsizing opportunities of existing High Temperature C0G technology, and offers replacement opportunities of existing X7R/BX/ BR technologies. Standard capacitance ratings for these devices range from 0.5 pF up to 0.22 F in capacitance tolerance offerings of 0.25pF, 0.5pF, 1%, 2%, 5%, 10%, or 20%. The Temperature Coefficient of Capacitance (TCC) is 30ppm/C from -55C to +200. Devices are available in DC voltage ratings of 10V, 16V, 25V, 50V and 100V, with a maximum dissipation factor of 0.10%. Seven standard EIA case size options are available which include -0603, 0805, 1206, 1210, and 1812- with either nickel barrier/tin or Sn/Pb terminations.
Outline Drawing
Dimensions - Millimeters (Inches)
EIA SIZE CODE 0603 0805 1206 1210 1812 METRIC SIZE CODE 1608 2012 3216 3225 4532 L LENGTH 1.6 (.063) .15 (.006) 2.0 (.079) .20 (.008) 3.2 (.126) .20 (.008) 3.2 (.126) .20 (.008) 4.5 (.177) .30 (.012) W WIDTH 0.8 (.032) .15 (.006) 1.25 (.049) .20 (.008) 1.6 (.063) .20 (.008) 2.5 (.098) .20 (.008) 3.2 (.126) .30 (.012) B BANDWIDTH 0.35 (.014) .15 (.006) 0.50 (.020) .25 (.010) 0.50 (.020) .25 (.010) 0.50 (.020) .25 (.010) 0.60 (.024) .35 (.014) S SEPARATION minimum 0.7 (.028) 0.75 (.030) N/A N/A N/A
(c) KEMET Electronics Corporation * P.O. Box 5928 * Greenville, SC 29606 (864) 963-6300 * www.kemet.com
F4002 01/10
Ordering Information
C
Ceramic
1210
Case Size (L"x W")
0603 0805 1206 1210 1812
H
Specification/ Series
H = High Temp (200C)
124
2 Sig. Digits + Number of Zeros* *Use 9 for 1.0 - 9.9pF *Use 8 for 0.5 - .99pF ex. 2.2pF = 229 ex. 0.5pF = 508
J
C = 0.25pF D = 0.5pF F = 1% G = 2% J = 5% K = 10% M = 20%
5
8 = 10V 4 = 16V 3 = 25V 6 = 35V 5 = 50V 1 = 100V 2 = 200V
G
G = C0G
A
A = N/A
C
C = 100% Matte Sn
TU
Packaging/Grade (C-Spec)*
Blank = Bulk TM = 7" Reel Marked
Capacitance Code Capacitance Failure Rate/ End Metallization Voltage Dielectric (pF) Tolerance Design (Plated)
L = SnPb (5% min) TU = 7" Reel Unmarked
*Contact KEMET for availability and ordering details if you require additional reeling or packaging options. Additional termination options may be available, contact KEMET for details.
Electrical Parameters/Characteristics
Operating Temperature Range: -55C to +200C Temperature Coefficient of Capacitance : 30PPM/C (up to 200C) Aging Rate (Max % Cap Loss/Decade Hour): 0% Dielectric Withstanding Voltage: 250% Dissipation Factor (DF) @ 25C: .001 (0.10%) Max Insulation Resistance (IR) Limit @ 25C: 1000 megohm microfarads or 100G Insulation Resistance (IR) Limit @ 200C: 10 megohm microfarads or 1G Capacitance and Dissipation Factor (DF) measured under the following conditions: 1kHz and 1 Vrms if capacitance >1000pF 1MHz and 1 Vrms if capacitance 1000pF
Qualification/Certification
RoHS-PRC (6/6) - 100% matte Sn termination
Product Qualification Test Plan
RELIABILITY/ ENVIRONMENTAL TESTS per MIL-STD-202/JESD22 High Temperature Life Load Humidity Low Voltage Humidity Temperature Cycling Thermal Shock Moisture Resistance Resistance to Solvents Mechanical Shock and Vibration Restistance to Soldering Heat Terminal Strength Board Flex 200C, Rated Voltage, 2000 Hours. 85C /85%RH, Rated Voltage, 1000 Hours. 85C /85%RH, 1.5V, 1000 Hours. -55C to +200C, 50 Cycles. -55C to +150C, 20s transfer, 15 min dwell, 300 Cycles. Cycled Temp / RH. 0V, 10 cycles @ 24 Hrs each. PHYSICAL, MECHANICAL & PROCESS TESTS per MIL-STD 202/JIS-C-6429 Include Aqueous wash chemical - OKEM Clean or equivalent. Method 213: Figure 1, Condition F Method 204: 5 gs for 20 min,12 cycles. Condition B, no pre-heat of samples, Single Wave Solder. Force of 1.8 kg for 60 seconds. 3mm minimum.
(c) KEMET Electronics Corporation * P.O. Box 5928 * Greenville, SC 29606 (864) 963-6300 * www.kemet.com
F4002 01/10
Electrical Characteristics
Delta Cap vs. Temperature (Typical)
20 15 10
C1210H104J1GAC - Life Test IR Distribution (Lognormal)
99 95 90 80 70 60 50 40 30 20 10 5 1 0.1 1.0
0 hrs 2000 hrs
Delta Cap (%)
5 0 -5 -10 -15 -20
0 Vr 100% Vr
P e rc e n t
Capacitance vs. Temperature with 25V DC bias (Rated Voltage)
200
200C C0G 100nF no DC 200C C0G 100nF 25V DC
-60
-40
-20
100
120
140
160
180
200
20
40
60
80
0
Temperature (C)
10.0
25C IR (GOhms)
100.0
DF vs. Temperature without DC bias.
1.00
200C C0G MLCC 100nF
Capacitance (nF)
150
0.50
DF (%)
100
0.00
50
-0.50
0
-1.00
1.E+08 1.E+07 1.E+06
IR (MOhms) IR (MOhms)
1.E+05 1.E+04 1.E+03 1.E+02 1.E+01 1.E+00
-60 -40 -20 100 120 140 160 180 200 20 40 60 80 0
200C C0G MLCC 100nF
-60
-40
IR vs. Temperature with 25V DC bias (Rated Voltage)
(c) KEMET Electronics Corporation * P.O. Box 5928 * Greenville, SC 29606 (864) 963-6300 * www.kemet.com
-20
100
120
140
160
180
200
20
40
60
80
0
100
120
140
160
180
200
20
40
60
80
0
-60
-40
-20
Temperature (C)
Temperature (C)
BME vs. PME/IR vs. Temperature with 25V DC bias (Rated Voltage)
1.E+08 1.E+07 1.E+06 1.E+05 1.E+04 1.E+03 1.E+02 1.E+01
PME C0G MLCC 1206/10nF BME C0G MLCC 1206/10nF
-60
-40
-20
100
120
140
160
180
200
20
40
60
80
0
Temperature (C)
Temperature (C)
F4002 01/10
High Temperature 200C (0603 - 1812 Case Sizes) C0G DIELECTRIC
Series
10V 16V Cap pF Cap Code Voltage Voltage Code Cap Tolerance
0.50-0.75 1.0-2.4 2.7 3.0 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.2 6.8 7.5 8.2 9.1 10 11 12 13 15 16 18 20 22 24 27 30 33 36 39 43 47 51 56 62 68 75 82 91 100 110 120 130 150 160 180 200 220 240 270 300 330 360 390 430 470 510 560 620 680 750 820 910 1,000 1,100 1,200 1,300 1,500 1,600 1,800 2,000 2,200 2,400 2,700 3,000 3,300 3,600 3,900 4,300 4,700 5,100 5,600 6,200 6,800 7,500 8,200 9,100 10,000 12,000 15,000 18,000 22,000 27,000 33,000 47,000 56,000 68,000 82,000 100,000 120,000 150,000 180,000 220,000 270,000 508-759 109-249 279 309 339 369 399 439 479 519 569 629 689 759 829 919 100 110 120 130 150 160 180 200 220 240 270 300 330 360 390 430 470 510 560 620 680 750 820 910 101 111 121 131 151 161 181 201 221 241 271 301 331 361 391 431 471 511 561 621 681 751 821 911 102 112 122 132 152 162 182 202 222 242 272 302 332 362 392 432 472 512 562 622 682 752 822 912 103 123 153 183 223 273 333 473 563 683 823 104 124 154 184 224 274 CD CD CD CD CD CD CD CD CD CD CD CD CD CD CD CD CD CD CD CD CD CD CD CD CD CD D D D D D D D D K K K K K K K K K K K K K K K K K K K K K K K K K K K K K K K K K K K K K K K K K K K K K K K K K K K K K K K K K K K K K K K K K K K K K K K K K K K K K K K K K K K K K K K K K K K K K K K K K K K K K K K M M M M M M M M M M M M M M M M M M M M M M M M M M M M M M M M M M M M M M M M M M M M M M M M M M M M M M M M M M M M M M M M M M M M M M M M M M M M M M M M M M M M M M M M M M M M M M M M M M M M M M M CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB
C0603
100V 200V 25V 50V 10V 16V
C0805
100V 200V 25V 50V 10V 16V
C1206
100V 200V 25V 50V 10V 16V
C1210
100V 200V 25V 50V
C1812
100V 50V
8
4
3
5
1
CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB
2
CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB CB
8
DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DD DD DD DD DC DC DC DC DD DD DD DE DE DE DE DC DC DC DC DC DC DC DC DC DC DD DF DG
4
DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DD DD DD DD DC DC DC DC DD DD DD DE DE DE DE DC DC DC DC DC DC DC DC DC DC DD DF DG
3
DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DD DD DD DD DC DC DC DC DD DD DD DE DE DE DE DC DC DC DC DC DC DC DC DC DC DD DF DG
5
DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DD DD DD DD DC DC DC DC DD DD DD DE DE DE DE DC DC DC DC DC DC DC DC DD DD DF
1
DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DD DD DC DC DD DD DD DD DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DD DE DG
2
DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DC DD DC DC DC DC DC DC DD DD
8
4
3
5
1
2
8
4
3
5
1
2
5
1
Product Availability and Chip Thickness Codes - See Page 78 for Chip Thickness Dimensions
EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EC EC EC EC EC EC ED ED EB EB EB EC EC ED EB EB EB EB EB EB EC ED EF EH EH EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EC EC EC EC EC EC ED ED EB EB EB EC EC ED EB EB EB EB EB EB EC ED EF EH EH EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EC EC EC EC EC EC ED ED EB EB EB EC EC ED EB EB EB EB EB EB EC ED EF EH EH EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EC EC EC EC EC EC ED ED EB EB EB EC EC ED EB EB EB EB EB EB EE EF EH EH EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EC ED ED ED ED EE EC EC EC EE EE EF EC EC ED ED EB EB EB EB EB EB EB EB EB EC EE EE EH EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EB EC EC EC EC ED EE EB EB EC EC ED ED ED EE EC EC FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FF FB FB FB FB FC FC FE FF FG FG FB FB FB FB FB FB FB FC FE FG FH FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FF FB FB FB FB FC FC FE FF FG FG FB FB FB FB FB FB FB FC FE FG FH FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FF FB FB FB FB FC FC FE FF FG FG FB FB FB FB FB FB FB FC FE FG FH FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FF FB FB FB FB FC FC FE FF FG FG FB FB FB FB FB FB FC FF FG FH FM FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FC FC FC FC FC FF FF FF FF FG FG FG FG FG FC FC FE FF FB FB FB FB FB FB FE FF FG FH FM FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FB FC FE FE FE FE FG FC FC FF FF FF FF FF FG FG FG
F F F F F F F F F F F F F F F F F F F F F F F F F F F F F F F F F F F F F F F F F F F F F F F F F F F F F F F F F F F F F F F F F F F F F F F F F F F
G G G G G G G G G G G G G G G G G G G G G G G G G G G G G G G G G G G G G G G G G G G G G G G G G G G G G G G G G G G G G G G G G G G G G G G G G G G G G G G G G G G G G
J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J
GB GB GB GB GB GB GB GB GB GB GB GD GH GK
GB GB GB GB GB GB GB GB GB GD GH GN
Voltage Code Cap pF Cap Code Voltage
8 10V
4 16V
3 25V
5 50V
1 100V
2 200V
8 10V
4 16V
3 25V
5 50V
1 100V
2 200V
8 10V
4 16V
3 25V
5 50V
1 100V
2 200V
8 10V
4 16V
3 25V
5 50V
1 100V
2 200V
5 50V
1 100V
Series
C0603
C0805
C1206
C1210
C1812
(c) KEMET Electronics Corporation * P.O. Box 5928 * Greenville, SC 29606 (864) 963-6300 * www.kemet.com
F4002 01/10
Chip Thickness / Packaging Quantities
Thickness Code Reference Chart Packaging Quantity Based on Finished Chip Thickness Specifications
Thickness Code
AA AB BB CB CC CD DB DC DD DE DF DG DH DL EB EC ED EE EF EG EH EJ EK EM EN FB FC FD FE FF FG FH FJ FK FL FM FN FO FP FR FS FT GB GC GD GE GF GG GH GJ GK GL GM GN GO HB HC HD HE HF HG JB JC JD JE JF JG JH JO JP KB KC KD KE KF LA LB LC LD MA
Chip Size
01005 0201 0402 0603 0603 0603 0805 0805 0805 0805 0805 0805 0805 0805 1206 1206 1206 1206 1206 1206 1206 1206 1206 1206 1206 1210 1210 1210 1210 1210 1210 1210 1210 1210 1210 1210 1210 1210 1210 1210 1210 1210 1812 1812 1812 1812 1812 1812 1812 1812 1812 1812 1812 1812 1812 1825 1825 1825 1825 1825 1825 2220 2220 2220 2220 2220 2220 2220 2220 2220 2225 2225 2225 2225 2225 1808 1808 1808 1808 1632
Thickness Range (mm)
0.20 0.02 0.30 0.03 0.50 0.05 0.80 0.07 0.80 0.10 0.80 0.15 0.60 0.10 0.78 0.10 0.90 0.10 1.00 0.10 1.10 0.10 1.25 0.15 1.25 0.20 0.95 0.10 0.78 0.10 0.90 0.10 1.00 0.10 1.10 0.10 1.20 0.15 1.60 0.15 1.60 0.20 1.70 0.20 0.80 0.10 1.25 0.15 0.95 0.10 0.78 0.10 0.90 0.10 0.95 0.10 1.00 0.10 1.10 0.10 1.25 0.15 1.55 0.15 1.85 0.20 2.10 0.20 1.40 0.15 1.70 0.20 1.85 0.20 1.50 0.20 1.60 0.20 2.25 0.20 2.50 0.20 1.90 0.20 1.00 0.10 1.10 0.10 1.25 0.15 1.30 0.10 1.50 0.10 1.55 0.10 1.40 0.15 1.70 0.15 1.60 0.20 1.90 0.20 2.00 0.20 1.70 0.20 2.50 0.20 1.10 0.15 1.15 0.15 1.30 0.15 1.40 0.15 1.50 0.15 1.60 0.20 1.00 0.15 1.10 0.15 1.30 0.15 1.40 0.15 1.50 0.15 1.70 0.15 1.80 0.15 2.40 0.15 1.60 0.20 1.00 0.15 1.10 0.15 1.30 0.15 1.40 0.15 1.60 0.20 1.40 0.15 1.60 0.15 2.00 0.15 0.90 0.10 0.80 0.10
Qty per Reel 7" Plastic
---------2500 2500 2500 2500 4000 4000 4000 2500 2500 2500 2000 2000 2000 2000 2500 4000 4000 4000 4000 2500 2500 2500 2000 2000 2000 2000 2000 2000 2000 2000 2000 1000 1500 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 500 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 500 1000 1000 1000 1000 1000 1000 1000 1000 1000 2500 4000
Qty per Reel 13" Plastic
---------10000 10000 10000 10000 10000 10000 10000 10000 10000 10000 8000 8000 8000 8000 10000 10000 10000 10000 10000 10000 10000 10000 8000 8000 8000 8000 8000 8000 8000 8000 8000 4000 4000 4000 4000 4000 4000 4000 4000 4000 4000 4000 4000 4000 4000 2000 4000 4000 4000 4000 4000 4000 4000 4000 4000 4000 4000 4000 4000 2000 4000 4000 4000 4000 4000 4000 4000 4000 4000 10000 10000
Qty per Reel 7" Paper
15000 15000 10000 4000 4000 4000 4000 4000 4000 -----4000 ------------------------------------------------------------------
Qty per Reel 13" Paper
--50000 10000 10000 10000 10000 10000 10000 -----10000 ------------------------------------------------------------------
Qty per Bulk Cassette
--50000 15000 --10000 -------------------------------------------------------------------------
(c) KEMET Electronics Corporation * P.O. Box 5928 * Greenville, SC 29606 (864) 963-6300 * www.kemet.com F4002 01/10
Soldering Process
All parts incorporate the standard KEMET barrier layer of pure nickel, with an overplate of pure tin to provide excellent solderability as well as resistance to leaching. HMP solders ,e.g., Pb94, are recommended for high temperature applications.
Marking
These chips will be supplied unmarked. If required, they can be laser-marked as an extra option. Details on the marking format are included in KEMET Surface Mount catalog F3102. In general, the information in the KEMET Surface Mount catalog F3102 applies to these capacitors. The information in this bulletin supplements that in the catalog.


▲Up To Search▲   

 
Price & Availability of C1812H124C1GACTU

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X